PART |
Description |
Maker |
RS5RM RS5RM3329A-T1 RS5RM5045B-T2 RS5RM4036B-T2 RS |
CAPACITOR PWM STEP-UP DC/DC CONVERTER WITH VOLTAGE REGULATOR AND DETECTOR 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No 0.25 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PDSO8
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
TOP243F- TOP243F-TL TOP243FN- TOP243FN-TL TOP243G- |
2.16 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PSSO6 TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher 1.44 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 2.16 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 4.32 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 0.72 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 7.2 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN 10.08 A SWITCHING REGULATOR, 140 kHz SWITCHING FREQ-MAX, PZFM6 LEAD FREE, PLASTIC, TO-220, 7 PIN
|
Power Integrations, Inc. POWER INTEGRATIONS INC
|
KA5M0380RYDTU KA5M0365RTU KA5L0365RYDTU KA5L0365RN |
Microprocessor Development Tool; Interface Type:Serial; Kit Contents:Development Board with MC68HC908GP32 CPU, MON08 Debug Port, 32K Flash, 512 Bytes RAM ; For Use With:MC68HC908GP32; Memory Organization - Flash:32 KB Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 67 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PZFM4 Fairchild Power Switch(FPS) 3 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDIP8 Fairchild Power Switch(FPS) 12 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PSFM4 Fairchild Power Switch(FPS) 飞兆半导体功率开关(FPS
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
EL7536 EL7536IY-T13 EL7536IY-T7 EL7536IYZ-T7 EL753 |
Monolithic 1A Step-Down Regulator 1.2 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO10 1 in Dia., 1 Amp Multi Deck Rotary Switch 1.2 A SWITCHING REGULATOR, 1750 kHz SWITCHING FREQ-MAX, PDSO10 Intersil
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LT3481IMSEPBF LT3481HMSETRPBF |
36V, 2A, 2.8MHz Step-Down Switching Regulator with 50µA Quiescent Current; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 4.4 A SWITCHING REGULATOR, 3100 kHz SWITCHING FREQ-MAX, PDSO10
|
Linear Technology, Corp.
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
S-8353J30MC-IYP-T2 S-8353A50MA-IRJ-T2 |
0.3 A SWITCHING REGULATOR, 287.5 kHz SWITCHING FREQ-MAX, PDSO5 SOT-23, 5 PIN 0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO3
|
ON Semiconductor
|
BD9701FP BD9703T |
1.5 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PSSO4 1.5 A SWITCHING REGULATOR, 330 kHz SWITCHING FREQ-MAX, SFM5
|
|
ADP2118ACPZ-1.2-R7 ADP2118ACPZ-2.5-R7 ADP2118ACPZ- |
3 A, 1.2 MHz/600 kHz High Efficiency Synchronous Step-Down DC-to-DC Regulator; Package: 16-LFCSP (Leadform Chip Scale); Temperature Range: -40°C to 125°C 6.4 A SWITCHING REGULATOR, 1400 kHz SWITCHING FREQ-MAX, QCC16
|
Analog Devices, Inc.
|
|